Part Number Hot Search : 
20B5T 79503 MDS731 84134312 BACC63XX C1S12 1991820 00095
Product Description
Full Text Search
 

To Download CZTA44HC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZTA44HC SURFACE MOUNT HIGH CURRENT HIGH VOLTAGE NPN SILICON TRANSISTOR
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZTA44HC type is a surface mount epoxy molded silicon planar epitaxial transistor designed for extremely high voltage and high current applications. MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC ICM PD TJ, Tstg JA 450 400 7.0 2.0 3.0 2.0 65 to +150 62.5 UNITS V V V A A W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VCE(SAT) VBE(SAT) hFE hFE hFE hFE fT Cob Cib VCB=400V VBE=5.0V IC=50A IC=1.0mA IE=50A IC=500mA, IB=50mA IC=1.0A, IB=100mA IC=2.0A, IB=200mA IC=1.0A, IB=1.0mA VCE=10V, IC=10mA VCE=10V, IC=500mA VCE=10V, IC=1.0A VCE=10V, VCE=10V, VCB=20V, IC=2.0A IC=10mA, f=10MHz IE=0, f=1.0MHz 35 35 30 15 10 450 400 7.0
MAX 500 500
UNITS nA nA V V V
0.25 0.50 1.5 1.5
V V V V
MHz 30 1000 pF pF
VEB=0.5V, IC=0, f=1.0MHz
R4 (1-March 2010)
CZTA44HC SURFACE MOUNT HIGH CURRENT HIGH VOLTAGE NPN SILICON TRANSISTOR SOT-223 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Base 2) Collector 3) Emitter 4) Collector MARKING: FULL PART NUMBER
R4 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CZTA44HC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X